Part Number Hot Search : 
90100 2SC52 NCP4302 N4735 240128 P4840 KS1359N DS024
Product Description
Full Text Search
 

To Download 2SA1694 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1694
DESCRIPTION With TO-3PN package Complement to type 2SC4467 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -6 -8 -3 80 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-50mA ;IB=0 IC=-3A ;IB=-0.3A VCB=-120V; IE=0 VEB=-6V; IC=0 IC=-3A ; VCE=-4V IE=0 ; VCB=-10V,f=1MHz IC=-0.5A ; VCE=-12V 50 300 20 MIN -120 TYP.
2SA1694
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
MAX
UNIT V
-1.5 -10 -10 180 |I |I
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-4A;RL=10| IB1=- IB2=-0.4A VCC=-40V 0.14 1.40 0.21 |I |I |I s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1694
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1694
4


▲Up To Search▲   

 
Price & Availability of 2SA1694

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X